Part Number Hot Search : 
100BG H3545 74VHCT 020141MB WM8950 BZX55C1 F10P40F 140BEQAA
Product Description
Full Text Search
 

To Download 0760111605-17 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 02/28/2017 please check www.molex.com for latest part information part number: 0760111605 status: active overview: gbx i-trac? backplane connector system description: gbx i-trac? right angle header module, 1.85mm by 3.70mm pitch, unguided, open ends, 7 rows, 6 columns, 84 circuits, staggered mating pin length 3.80mm & 4.70mm documents: 3d model packaging specification pk-70873-588 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification ul e29179 general product family backplane connectors series 76011 application coplanar, daughtercard component type right angle male overview gbx i-trac? backplane connector system product name gbx i-trac? upc 800756679556 physical circuits (loaded) 84 circuits (maximum) 84 color - resin black durability (mating cycles max) 200 first mate / last break yes flammability 94v-0 guide to mating part no keying to mating part none material - metal high performance alloy (hpa) material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic net weight 17.166/g number of columns 6 number of pairs 4, open pin field number of rows 7 orientation right angle pc tail length 2.00mm pcb locator no pcb retention none pcb thickness - recommended 1.60mm packaging type tray pitch - mating interface 3.70mm pitch - termination interface 1.20mm, 2.50mm plating min - mating 0.762m plating min - termination 0.762m polarized to pcb no stackable no surface mount compatible (smc) yes temperature range - operating 85c termination interface: style through hole - compliant pin electrical series image - reference only eu elv not relevant eu rohs china rohs compliant reach svhc not contained per -ed/01/2017 (12 january 2017) halogen-free status low-halogen need more information on product environmental compliance? email productcompliance@molex.com please visit the contact us section for any non-product compliance questions. china rohs green image elv not relevant rohs phthalates not contained search parts in this series 76011 series mates with 76020 gbx i-trac? right angle receptacle module use with 78230 gbx i-trac? right angle power receptacle
current - maximum per contact 1.0a data rate 12.0 gbps shielded no voltage - maximum 120v ac (rms)/dc solder process data lead-freeprocess capability n/a material info reference - drawing numbers packaging specification pk-70873-588 this document was generated on 02/28/2017 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0760111605-17

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X